PART |
Description |
Maker |
S6C1104 |
6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
|
Samsung semiconductor
|
S6C1108 |
6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
|
Samsung semiconductor
|
S6C0668 |
6 BIT 384 CHANNEL TFT-LCD SOURCE DRIVER
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
UPD41416 UPD41416-12 UPD41416-15 UPD41416-20 |
16,384 X 4-BIT DYNAMIC NMOS RAM
|
NEC
|
MAX186DC/D MAX186CCWP MAX186 MAX186EAP MAX186AEAP |
Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Fixed-Point Digital Signal Processor 384-FC/CSP 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, CDIP20 Low-Power 8-Channel Serial 12-Bit ADCs(245.70 k) 低功通道串行12位ADC45.70十一 Fixed-Point Digital Signal Processor 352-FCBGA 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Low-Power / 8-Channel / Serial 12-Bit ADCs
|
Maxim Integrated Products, Inc.
|
ST72331N4 ST72331N2 ST72331J4 ST72331J2 ST72331 ST |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS 8-BIT MICROCONTROLLER (MCU) WITH 8/16K ROM/OTP/EPROM,256 EEPROM,384/512 BYTES RAM,ADC,WDG,SCI,SPI & 2 TIMERS - SDIP42/56, QFP44/64
|
STMICROELECTRONICS[STMicroelectronics]
|
S1R77081F |
RSDS Transmitter/Receiver
|
Epson Company
|
ST72E121 |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
|
STMicroelectronics
|
ST72311J2T6S ST72311N2T6S ST72311N4T6S |
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
|
ST Microelectronics
|
MAX114-MAX118 MAX118 MAX118CAI MAX118CPI MAX118EAI |
5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 5V 1Msps 4 & 8-Channel 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1μA Power-Down 6 OUTLETS 15 FT RACK MTG 5V / 1Msps / 4 & 8-Channel / 8-Bit ADCs with 1A Power-Down Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 8-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC Vicor, Corp.
|
ST72T331 ST72T331J2 ST72T331J2B3S ST72T331J2B6S ST |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
|
STMicroelectronics
|
ST72E331 |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
|
SGS Thomson Microelectronics
|
|